Part Number Hot Search : 
FQT7P06 AK93C45B AM29030 BD810 L9348 2N5016 PC1394C SP6019
Product Description
Full Text Search
 

To Download 91915-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0919150001 Active
2.54mm (.100") Pitch SIM Card Connector, Lead Free
Product Specification PS-91915-001 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Button Type Component Type Product Name Type Memory Card Sockets 91915 N/A I/O Header (Card) SIM N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Card Detection Switch Circuits (Loaded) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Temperature Range - Operating Termination Interface: Style Yes 6 Black 10,000 No Ejector Button Present Vertical Yes Phosphor Bronze Gold Tin High Temperature Thermoplastic Reverse None Embossed Tape on Reel 0.100 In 2.54 mm 4 0.1 120 3 8 -40C to +85C Surface Mount
Search Parts in this Series 91915Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A 15V
Solder Process Data
Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C Reflow Capable (SMT only) 2 240
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-91915-001 SD-91915-001, SD-91915-003
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 91915-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X